Part Number Hot Search : 
5KP54APT 5188J C74HC2 M3055 SPC564 SMBJ24 20ETF F9530
Product Description
Full Text Search
 

To Download RGP10JH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  patented rgp10ah thru rgp10mh sintered glass passivated junction fast recovery rectifier reverse voltage - 50 to 1000 volts forward current - 1.0 ampere features mechanical data * halogen-free type * gprc (glass passivated rectifier chip) inside * glass passivated cavity-free junction * capable of meeting environmental standards of mil-s-19500 * for use in high frequence rectifier circuits * fast switching for high efficiency * typical ir less than 0.1ua * high temperature soldering guaranteed: 260 o c/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension * plastic package has underwriters laboratory flammability classification 94v-0 case : jedec do-204al molded plastic over glass body terminals : tin plated, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end weight : 0.012 ounes , 0.3 gram maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. maximum repetitive peak reverse voltage maximum average forward rectified current 0.375" (9.5mm) lead length (see fig.1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0 a maximum dc reverse current at rated dc blocking voltage t a =25 o c t a =125 o c t a =150 o c maximum reverse recovery time (note 1) typical junction capacitance (note 2) typical thermal resistance (note 3) operating junction and storage temperature range symbols v rrm i (av) i fsm v f i r trr c j r ja t j ,t stg rgp10 ah bh dh gh jh jah kh kah mh mah 50 100 200 400 600 600 800 800 1000 1000 1.0 30 1.3 5 30 50 150 250 150 500 300 500 300 15 55 -65 to +175 units volts maximum rms voltage v rms 35 70 140 280 420 420 560 560 700 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 600 800 800 1000 1000 volts volts amps amps ua ns pf o c / w o c notes : (1) reverse recovery test condition : if 0.5a, ir=1.0a, irr=0.25a (2) measured at 1.0 mhz and applied reverse voltage of 4.0 volts (3) thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, p.c.b. mounted. *dimensions in inches and (millimeters) patented patented tm zowie technology corporation rev. 0 do-204al 1.0(25.4) min. 1.0(25.4) min. 0.107(2.70) 0.034(0.86) 0.028(0.71) 0.205(5.20) 0.160(4.10) 0.080(2.00) dia. dia.
ratings and characteristic curves rgp10ah thru rgp10mh fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 1.50 1.25 1.00 0.75 0.50 0.25 iinstantaneous forward current, amperes 0.10 1.00 10.00 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 0 25 50 75 100 125 150 175 60hz resistive or inductive load pulse width=300us 1% duty cycle ambient temperature, o c instantaneous forward voltage, volts 0.375" (9.5mm) lead length fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave (jedec method) 5 10 15 20 25 30 1 10 100 transient thermal impedance( o c/w) 0.1 1 10 100 fig.5 - typical junction capacitance fig.6 - typical transient thermal impedance reverse voltage, volts .1 1 junction capacitance, pf 40 200 .2 .4 1.0 2 4 10 20 40 100 t , pulse duration, sec 100 10 1.0 0.10 0.01 2 4 10 6 20 60 100 zowie technology corporation rev. 0 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse leakage current, microamperes 0.1 0 20 1 10 100 t j = 25 o c t j = 25 o c t j = 125 o c t j = 150 o c 40 60 80 100 110


▲Up To Search▲   

 
Price & Availability of RGP10JH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X